Part Number Hot Search : 
MSQ07001 LTC1345 2SC393 SFMJ490 SFMJ490 MX25L MP01907 SFM16
Product Description
Full Text Search
 

To Download SP1485EEN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
PRELIMINARY
SP1485E
Enhanced Low Power Half-Duplex RS-485 Transceivers
+5V supply Low Power BiCMOS Driver/Receiver Enable for Multi-Drop configurations Available in 8 Pin NSOIC or PDIP packages Enhanced ESD Specifications: +15KV Human Body Model +15KV IEC1000-4-2 Air Discharge +8KV IEC1000-4-2 Contact Discharge
RO 1 RE 2 DE 3 DI 4
8 VCC
SP1485E
8 Pin - nSOIC
7B 6
A
5 GND
DESCRIPTION The SP1485E is a half-duplex transceiver that meets the specifications of RS-485 and RS422 serial protocols with enhanced ESD performance. The ESD tolerance has been improved on this device to over +15KV for both Human Body Model and IEC1000-4-2 Air Discharge Method. This device is pin-to-pin compatible with Sipex's SP485 devices as well as popular industry standards. As with the original version, the SP1485E features Sipex's BiCMOS design allowing low power operation without sacrificing performance. The SP1485E meets the requirements of the RS-485 and RS-422 protocols up to 20Mbps under load. BLOCK DIAGRAM
RO 1 RE 2 DE 3 DI 4
R
8 Vcc 7B 6A
D
SP1485E
5 GND
Rev:C Date: 02/26/04
SP1485E Low Power Half-Duplex RS485 Transceivers
(c) Copyright 2004 Sipex Corporation
1
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. VCC............................................................................................................+7V Input Voltages Logic........................................................-0.3V to (VCC+0.5V) Drivers..................................................-0.3V to (VCC+0.5V) Receivers................................................................. 15V Output Voltages Logic........................................................-0.3V to (VCC+0.5V) Drivers...................................................................... 15V Receivers............................................-0.3V to (VCC+0.5V) Storage Temperature.......................................................-65C to +150C Power Dissipation per Package 8-pin NSOIC (derate 6.60mW/oC above +70oC)...........................550mW 8-pin PDIP (derate 11.8mW/oC above +70oC)............................1000mW
ELECTRICAL CHARACTERISTICS
TMIN to TMAX and VCC = 5V 5% unless otherwise noted.
PARAMETERS SP1485E DRIVER DC Characteristics Differential Output Voltage Differential Output Voltage Differential Output Voltage Change in Magnitude of Driver Differential Output Voltage for Complimentary States Driver Common-Mode Output Voltage Input High Voltage Input Low Voltage Input Current Driver Short-Circuit Current VOUT = HIGH VOUT = LOW SP1485E DRIVER AC Characteristics Maximum Data Rate Driver Input to Output
MIN.
TYP.
MAX.
UNITS
CONDITIONS
3.5 2 1.5
VCC VCC VCC 0.2 3
Volts Volts Volts
Unloaded; R = ; see Figure 1 with load; R = 50; (RS-422); see Figure 1 with load; R = 27; (RS-485);see Figure 1
Volts Volts Volts Volts A mA mA
R = 27 or R = 50; see Figure 1 R = 27 or R = 50; see Figure 1 Applies to DE, DI, RE Applies to DE, DI, RE Applies to DE, DI, RE -7V VO +12V -7V VO +12V
2.0 0.8 10 250 250
20 10 10 30 40
Mbps ns ns 3 8 40 40 40 40 20 70 70 70 70 ns ns ns ns ns ns
RE = 5V, DE = 5V; RDIFF = 54, CL1 = CL2 = 100pF tPLH; RDIFF = 54, CL1 = CL2 = 100pF; see Figures 3 and 5 tPHL; RDIFF = 54, CLI = CL2 = 100pF;
Driver Skew Driver Rise or Fall Time Driver Enable to Output High Driver Enable to Output Low Driver Disable Time from Low Driver Disable Time from High
see Figures 3 and 5, tSKEW = | tDPLH - tDPHL | From 10% to 90%; RDIFF = 54, CL1 = CL2 = 100pF; see Figures 3 & 6 CL = 100pF; see Figures 4 & 6; S2 closed CL = 100pF; see Figures 4 & 6; S1 closed CL = 100pF; see Figures 4 & 6; S1 closed CL = 100pF; see Figures 4 & 6; S2 closed
Rev:C Date: 02/26/04
SP1485E Low Power Half-Duplex RS485 Transceivers
(c) Copyright 2004 Sipex Corporation
2
SPECIFICATIONS (continued)
TMIN to TMAX and VCC = 5V 5% unless otherwise noted.
PARAMETERS MIN. SP1485E RECEIVER DC Characteristics Differential Input Threshold -0.2 Differential Input Threshold -0.4 (SP1485EMN ONLY) Input Hysteresis Output Voltage High 3.5 Output Voltage Low Three-State (High Impedance) Output Current Input Resistance 12 Input Current (A, B); VIN = 12V Input Current (A, B); VIN = -7V Short-Circuit Current 7 SP1485E RECEIVER AC Characteristics Maximum Data Rate 20 Receiver Input to Output 15 15 Diff. Receiver Skew ItPLH-tPHLI Receiver Enable to Output Low Receiver Enable to Output High Receiver Disable from Low Receiver Disable from High
TYP.
MAX.
UNITS
CONDITIONS
+0.2 +0.4 20 0.4 1 15 +1.0 -0.8 95
Volts Volts mV Volts Volts A k mA mA mA
-7V VCM +12V -7V VCM +12V VCM = 0V IO = -4mA, VID = +200mV IO = +4mA, VID = -200mV 0.4V VO 2.4V; RE = 5V -7V VCM +12V DE = 0V, VCC = 0V or 5.25V, VIN = 12V DE = 0V, VCC = 0V or 5.25V, VIN = -7V 0V VO VCC RE = 0V, DE = 0V tPLH; RDIFF = 54, CL1 = CL2 = 100pF; Figures 3 & 7 tPHL; RDIFF = 54, CLI = CL2 = 100pF RDIFF = 54; CL1 = CL2 = 100pF; Figures 3 & 7 CRL = 15pF; Figures 2 & 8; S1 closed CRL = 15pF; Figures 2 & 8; S2 closed CRL = 15pF; Figures 2 & 8; S1 closed CRL = 15pF; Figures 2 & 8; S2 closed
40
50
Mbps ns ns ns
5
10
45 45 45 45
70 70 70 70
ns ns ns ns
POWER REQUIREMENTS Supply Voltage Supply Current SP1485E No Load
+4.75
+5.25
Volts
900 600
A A
RE, DI = 0V or VCC; DE = VCC RE = 0V, DI = 0V or 5V; DE = 0V
ENVIRONMENTAL AND MECHANICAL Operating Temperature Commercial (_C_) Industrial (_E_) (_M_) Storage Temperature Package Plastic DIP (_P) NSOIC (_N)
0 -40 -40 -65
+70 +85 +125 +150
C C C C
Rev:C Date: 02/26/04
SP1485E Low Power Half-Duplex RS485 Transceivers
(c) Copyright 2004 Sipex Corporation
3
PIN FUNCTION
RO 1
R
8
VCC
Pin 1 - RO - Receiver Output. Pin 2 - RE - Receiver Output Enable Active LOW.
RE 2
7
B
Pin 3 - DE - Driver Output Enable Active HIGH. Pin 4 - DI - Driver Input. Pin 5 - GND - Ground Connection.
DE 3
6
A
D
DI 4
SP485
Top View
5
GND
Pin 6 - A - Driver Output/Receiver Input Non-inverting. Pin 7 - B - Driver Output/Receiver Input Inverting. Pin 8 - Vcc - Positive Supply 4.75VSP1485E Pinout (Top View)
A R VOD R B Figure 1. RS-485 Driver DC Test Load Circuit VOC Receiver Output
Test Point CRL 1k S1
1k VCC
S2 Figure 2. Receiver Timing Test Load Circuit
DI
A B
CL1 RDIFF CL2
A B
RO 15pF
Output Under C L Test
500
S1
VCC
S2 Figure 4. RS-485 Driver Timing Test Load #2 Circuit
Figure 3. RS-485 Driver/Receiver Timing Test Circuit
+3V DI 0V DRIVER OUTPUT B A VO 1/2VO
f = 1MHz; tR < 1.0ns; tF < 1.0ns 1.5V tPLH tPHL 1/2VO tDPLH tDPHL 1.5V
DIFFERENTIAL VO+ OUTPUT 0V VA - VB VO- tSKEW = | tDPLH - tDPHL |
Figure 5. Driver Propagation Delays
Rev:C Date: 02/26/04
tR
tF
SP1485E Low Power Half-Duplex RS485 Transceivers
(c) Copyright 2004 Sipex Corporation
4
INPUTS RE X X X X DE 1 1 0 1 LINE DI CONDITION 1 No Fault 0 No Fault X X X Fault
OUTPUTS B 0 1 Z Z A 1 0 Z Z
INPUTS RE DE 0 0 0 0 0 0 1 0
OUTPUTS A-B R +0.2V 1 -0.2V 0 Inputs Open 1 X Z
Table 2. Receive Function Truth Table
Table 1. Transmit Function Truth Table
+3V DE 0V 5V A, B VOL VOH A, B 0V
Figure 6. Driver Enable and Disable Times
f = 1MHz; tR < 1.0ns; tF < 1.0ns 1.5V tZL 2.3V Output normally LOW 1.5V tLZ 0.5V 0.5V tHZ
2.3V tZH
Output normally HIGH
V0D2+ A-B V0D2- VOH R VOL tPHL
0V
INPUT
0V
1.5V
OUTPUT
1.5V
tPLH f = 1MHz; tR < 1.0ns; tF < 1.0ns
tSKEW = | tPHL - tPLH |
Figure 7. Receiver Propagation Delays
+3V RE 0V 5V R VIL VIH R 0V 1.5V tZH Output normally HIGH 1.5V Output normally LOW 0.5V 0.5V tHZ 1.5V f = 1MHz; tR < 1.0ns; tF < 1.0ns tZL 1.5V tLZ
Figure 8. Receiver Enable and Disable Times
Rev:C Date: 02/26/04 SP1485E Low Power Half-Duplex RS485 Transceivers (c) Copyright 2004 Sipex Corporation
5
DESCRIPTION The SP1485E is half-duplex differential transceivers that meet the requirements of RS-485 and RS-422. Fabricated with a Sipex proprietary BiCMOS process, this product requires a fraction of the power of older bipolar designs. The RS-485 standard is ideal for multi-drop applications and for long-distance interfaces. RS-485 allows up to 32 drivers and 32 receivers to be connected to a data bus, making it an ideal choice for multi-drop applications. Since the cabling can be as long as 4,000 feet, RS-485 transceivers are equipped with a wide (-7V to +12V) common mode range to accommodate ground potential differences. Because RS-485 is a differential interface, data is virtually immune to noise in the transmission line. Drivers The driver outputs of the SP1485E are differential outputs meeting the RS-485 and RS-422 standards. The typical voltage output swing with no load will be 0 Volts to +5 Volts. With worst case loading of 54 across the differential outputs, the drivers can maintain greater than 1.5V voltage levels. The drivers of the SP1485E have an enable control line which is active HIGH. A logic HIGH on DE (pin 3) will enable the differential driver outputs. A logic LOW on DE (pin 3) will tri-state the driver outputs. The transmitters of the SP1485E will operate up to at least 20Mbps. Receivers The SP1485E receivers have differential inputs with an input sensitivity as low as 200mV. Input impedance of the receivers is typically 15k (12k minimum). A wide common mode range of -7V to +12V allows for large ground potential differences between systems. The receivers of the SP1485E have a tri-state enable control pin. A logic LOW on RE (pin 2) will enable the receiver, a logic HIGH on RE (pin 2) will disable the receiver. The receiver for the SP1485E will operate up to at least 20Mbps. The receiver for each of the two devices is equipped with the
Rev:C Date: 02/26/04
fail-safe feature. Fail-safe guarantees that the receiver output will be in a HIGH state when the input is left unconnected. ESD TOLERANCE The SP1485E incorporates ruggedized ESD cells on all driver output and receiver input pins. The ESD structure is improved over our previous family for more rugged applications and environments sensitive to electro-static discharges and associated transients. The improved ESD tolerance is at least 15kV without damage or latch-up. There are different methods of ESD testing applied:
a) MIL-STD-883, Method 3015.7 b) IEC1000-4-2 Air-Discharge c) IEC1000-4-2 Direct Contact
The Human Body Model has been the generally accepted ESD testing method for semiconductors. This method is also specified in MIL-STD-883, Method 3015.7 for ESD testing. The premise of this ESD test is to simulate the human body's potential to store electro-static energy and discharge it to an integrated circuit. The simulation is performed by using a test model as shown in Figure 7. This method will test the IC's capability to withstand an ESD transient during normal handling such as in manufacturing areas where the ICs tend to be handled frequently. The IEC-1000-4-2, formerly IEC801-2, is generally used for testing ESD on equipment and systems. For system manufacturers, they must guarantee a certain amount of ESD protection since the system itself is exposed to the outside environment and human presence. The premise with IEC1000-4-2 is that the system is required to withstand an amount of static electricity when ESD is applied to points and surfaces of the equipment that are accessible to personnel during normal usage. The transceiver IC receives most of the ESD current when the ESD source is applied to the connector pins. The test circuit for
SP1485E Low Power Half-Duplex RS485 Transceivers
(c) Copyright 2004 Sipex Corporation
6
IEC1000-4-2 is shown on Figure 8. There are two methods within IEC1000-4-2, the Air Discharge method and the Contact Discharge method.
RC RC SW1 SW1
DC Power Source
RS RS SW2 SW2 CS CS
Device Under Test
Figure 7. ESD Test Circuit for Human Body Model
Contact-Discharge Module
RC RC SW1 SW1
DC Power Source
RS RS
RV SW2 SW2
CS CS
Device Under Test
RS and RV add up to 330 for IEC1000-4-2.
Figure 8. ESD Test Circuit for IEC1000-4-2
Rev:C Date: 02/26/04 SP1485E Low Power Half-Duplex RS485 Transceivers (c) Copyright 2004 Sipex Corporation
7
With the Air Discharge Method, an ESD voltage is applied to the equipment under test (EUT) through air. This simulates an electrically charged person ready to connect a cable onto the rear of the system only to find an unpleasant zap just before the person touches the back panel. The high energy potential on the person discharges through an arcing path to the rear panel of the system before he or she even touches the system. This energy, whether discharged directly or through air, is predominantly a function of the discharge current rather than the discharge voltage. Variables with an air discharge such as approach speed of the object carrying the ESD potential to the system and humidity will tend to change the discharge current. For example, the rise time of the discharge current varies with the approach speed. The Contact Discharge Method applies the ESD current directly to the EUT. This method was devised to reduce the unpredictability of the ESD arc. The discharge current rise time is constant since the energy is directly transferred without the air-gap arc. In situations such as hand held systems, the ESD charge can be directly discharged to the equipment from a person already holding the equipment. The current is transferred on to the keypad or the serial port of the equipment directly and then travels through the PCB and finally to the IC. The circuit model in Figures 7 and 8 represent the typical ESD testing circuit used for all three methods. The CS is initially charged with the DC power supply when the first switch (SW1) is on. Now that the capacitor is charged, the second switch (SW2) is on while SW1 switches off. The SP1481E, SP1485E FAMILY
Driver Outputs Receiver Inputs
30A
15A
0A t=0ns t Figure 9. ESD Test Waveform for IEC1000-4-2 t=30ns
voltage stored in the capacitor is then applied through RS, the current limiting resistor, onto the device under test (DUT). In ESD tests, the SW2 switch is pulsed so that the device under test receives a duration of voltage. For the Human Body Model, the current limiting resistor (RS) and the source capacitor (CS) are 1.5k an 100pF, respectively. For IEC-1000-42, the current limiting resistor (RS) and the source capacitor (CS) are 330 an 150pF, respectively. The higher CS value and lower RS value in the IEC1000-4-2 model are more stringent than the Human Body Model. The larger storage capacitor injects a higher voltage to the test point when SW2 is switched on. The lower current limiting resistor increases the current charge onto the test point.
HUMAN BODY MODEL
15kV 15kV
i
Air Discharge
15kV 15kV
IEC1000-4-2 Direct Contact
8kV 8kV
Level
4 4
Rev:C Date: 02/26/04
SP1485E Low Power Half-Duplex RS485 Transceivers
(c) Copyright 2004 Sipex Corporation
8
PACKAGE: PLASTIC DUAL-IN-LINE (NARROW)
E1 E
D1 = 0.005" min. (0.127 min.) D
A1 = 0.015" min. (0.381min.) A = 0.210" max. (5.334 max). A2 C O eA = 0.300 BSC (7.620 BSC) L
e = 0.100 BSC (2.540 BSC)
B1 B
ALTERNATE END PINS (BOTH ENDS)
DIMENSIONS (Inches) Minimum/Maximum (mm) A2 B B1 C D E E1 L O
8-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356) 0.355/0.400 (9.017/10.160) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15)
Rev:C Date: 02/26/04
SP1485E Low Power Half-Duplex RS485 Transceivers
(c) Copyright 2004 Sipex Corporation
9
PACKAGE: 8 PIN NSOIC
D e
E/2 E1 E E1/2
SEE VIEW C
1 INDEX AREA (D/2 X E1/2) A b
O1
TOP VIEW
Gauge Plane L2 Seating Plane
O1
L L1
O
VIEW C
A A2 SEATING PLANE A1
SIDE VIEW
8 Pin NSOIC
(JEDEC MS-012, AA - VARIATION)
DIMENSIONS Minimum/Maximum (mm)
WITH PLATING
b
COMMON HEIGHT DIMENSION
SYMBOL A A1 A2 b c D E E1 e L L1 L2 O O1
MIN NOM MAX 1.75 1.35 0.25 0.10 1.25 1.65 0.31 0.51 0.17 0.25 4.90 BSC 6.00 BSC 3.90 BSC 1.27 BSC 0.40 1.27 1.04 REF 0.25 BSC 0 8 5 15
c
BASE METAL
CONTACT AREA
PACKAGE: 8 PIN NSOIC
Rev:C Date: 02/26/04
SP1485E Low Power Half-Duplex RS485 Transceivers
(c) Copyright 2004 Sipex Corporation
10
ORDERING INFORMATION
Model Temperature Range Package SP1485ECN ..................................................... 0C to +70C ............................................... 8-pin Narrow SOIC SP1485ECP ...................................................... 0C to +70C ................................................... 8-pin Plastic DIP SP1485EEN .................................................... -40C to +85C ............................................. 8-pin Narrow SOIC SP1485EEP .................................................... -40C to +85C ................................................. 8-pin Plastic DIP SP1485EMN .................................................. -40C to +125C ............................................ 8-pin Narrow SOIC
Please consult the factory for pricing and availability on a Tape-On-Reel option.
REVISION HISTORY
DATE 11/11/03 12/18/03 02/26/04 REVISION A B C DESCRIPTION Implemented tracking revision. Added Driver and Receiver TPLH/TPHL AC Characteristics. Changed Driver Input to Output values from 20ns (typ), 30ns (max) to 30ns (typ), 40ns (max). Changed Receiver Input to Output values from 25ns (typ), 70ns (max) to 40ns (typ), 50ns (max) .
Corporation
ANALOG EXCELLENCE
Sipex Corporation Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600
Sales Office 22 Linnell Circle Billerica, MA 01821 TEL: (978) 667-8700 FAX: (978) 670-9001 e-mail: sales@sipex.com
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Rev:C Date: 02/26/04
SP1485E Low Power Half-Duplex RS485 Transceivers
(c) Copyright 2004 Sipex Corporation
11


▲Up To Search▲   

 
Price & Availability of SP1485EEN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X